Part Number Hot Search : 
TS7515IP 81XS43D5 SP846 55M45 BNR14R21 2151K 00ETTS GS9065A
Product Description
Full Text Search
 

To Download 2SB1412 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Low Frequency Transistor 2SB1412
TO-252
+0.15 1.50 -0.15
Transistors
Unit: mm 2.30
+0.8 0.50-0.7 +0.1 -0.1
Features
Low VCE(sat).
+0.2 9.70 -0.2
6.50 +0.2 5.30-0.2
+0.15 -0.15
+0.1 0.80-0.1
+0.15 0.50 -0.15
0.127 max
2.3
+0.15 4.60-0.15
+0.1 0.60-0.1
+0.28 1.50 -0.1
+0.25 2.65 -0.1
+0.15 5.55 -0.15
PNP silicon transistor.
1 Base 2 Collector 3 Emitter
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current pulse Collector power dissipation (Tc=25 ) Junction temperature Storage temperature * Single pulse ,PW=10ms Symbol VCBO VCEO VEBO IC ICP PC PC Tj Tstg Rating -30 -20 -6 -5 -10 -10 1 10 150 -55 to +150 Unit V V V A(DC) A (Pulse)* A W W
Electrical Characteristics Ta = 25
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Output capacitance Transition frequency Symbol BVCBO BVCEO BVEBO ICBO IEBO IC=-50iA IC=-1mA IE=-50iA VCB=-20V VEB=-5V -0.35 82 120 60 Testconditons Min -30 -20 -6 -0.5 -0.5 -1.0 390 MHz pF Typ Max Unit V V V iA iA V
VCE(sat) IC= -4A, IB= -0.1A hFE fT Cob VCE= -2V, IC= -0.5A VCE= -6V, IE=50mA, f=100MHz VCB= -20V,IE=0A,f=1MHz
hFE Classification
Rank hFE P 82 180 Q 120 270 R 180 390
3.80
www.kexin.com.cn
1


▲Up To Search▲   

 
Price & Availability of 2SB1412

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X